PART |
Description |
Maker |
TR9-B-S TR25-A-S |
Transformers for Inverter or Converter 1 W, INVERTER TRANSFORMER Transformers for Inverter or Converter 4 W, INVERTER TRANSFORMER
|
MITSUMI ELECTRIC CO., LTD.
|
TR9-B-S TR11-A1-S TR11-A-S TR11-C-S TR11-D-S TR14- |
Transformers for Inverter or Converter
|
MITSUMI ELECTRIC MITSUMI[Mitsumi Electronics, Corp.]
|
POE03-XXX |
Power Transformers - POE Transformers
|
Premo
|
P238 P238PP4DP1 P238WD4DP1 P238WD4DP2 |
AC/DC Planar Transformers 400W Third generation of planar transformers
|
PREMO CORPORATION S.L
|
ST303S ST303S04PFK1 ST303S04PFN1 ST303S12PFN1 ST30 |
INVERTER GRADE THYRISTORS Stud Version 晶闸管逆变器级螺栓版本 From old datasheet system 400V 471A Inverter Thyristor in a TO-209AE (TO-118) package 1000V 471A Inverter Thyristor in a TO-209AE (TO-118) package 1200V 471A Inverter Thyristor in a TO-209AE (TO-118) package 800V 471A Inverter Thyristor in a TO-209AE (TO-118) package
|
International Rectifier, Corp.
|
MX004 |
Voiceband Inverter VOICE BAND INVERTER
|
CML Microcircuits
|
XF6656-ER9 XF0033AT XF0033AT-00S XF5756-ER9 XF2256 |
AUDIO Transformers Digital Audio Transformers
|
XFMRS Inc.
|
P058 P058PP1CP1 P058PP1CP2 |
DC/DC Planar Transformers Third generation of planar transformers
|
PREMO CORPORATION S.L
|
PSI150/24/EU PSI100/24/EU |
400V 14A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package; A OM5008ST with Standard Packaging INVERTER 100W 12V DC TO AC INVERTER 150W 24V DC TO AC 24V直流逆变50瓦到AC
|
TRACO ELECTRONIC AG
|
ST103SSERIES ST103S04PFN0 ST103S08PFN0 ST103S04PFL |
64K/128K x 8/9 Dual-Port Static RAM 400V 165A逆变晶闸管采用TO - 209AC(到94)封 INVERTER GRADE THYRISTORS 400V 165A Inverter Thyristor in a TO-209AC (TO-94) package 800V 165A Inverter Thyristor in a TO-209AC (TO-94) package
|
Lamina Lighting, Inc. International Rectifier
|